Part Number Hot Search : 
MAX8709A 62128 IRF22 USB22 A1200 EL3053 73K222BL S87C51FB
Product Description
Full Text Search
 

To Download M22-078050K3205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.harwin.com 99 all dimensions in mm. m22 connectors horizontal s mt male connectors harwin offers the ultimate fexibility standard variant pin headers. use the order code below to create application-specifc connectors. contact technical@harwin.com for further information. suitable for use with female connectors on pages 87 to 90. 2.00 a b 1.50 ver tical horiz ont al 2.00 b a 3.00 1.50 surf a ce mount e xtended (2.4mm tail) single r ow double r ow v w vertical h j horizontal e f extended k l extended (2.4mm tail) C s surface mount C t extended surface mount 2.00 6.50 3.00 1.50 4.00 example: m22-065030 w0546 C 2mm pitch vertical double row pin header with 5 pins per row. a dimension is 6.5 and b dimension is 3.0, in tin fnish. w series j series a 1.50 b 1.50 2.00 f series 2.00 b a 2.40 1.50 2.00 4.00 1.50 1.50 5.75 a b pin section is 0.5mm sq, pcb mounting hole is ? 0.8mm v series pin section is 0.5mm sq, pcb mounting hole is ? 0.8mm. max b dimension is 6.00mm h series 4.00 1.50 1.50 2.00 b a pin section is 0.5mm sq, pcb mounting hole is ? 0.8mm e series pin section is 0.5mm sq, pcb mounting hole is ? 0.8mm b dimension is 0.0mm, pin section is 0.5mm sq, pcb pad layout see page 97 l series k series t series e xtended 2.00 4.00 a 1.50 1.50 5.75 pin section is 0.5mm sq, pcb pad layout see page 97 finish 05 gold 46 tin m22 C xxx xxx x xx xx n o. of ways per row 02 to 50 dimension a eg. 7.8mm = 078 s eries code dimension b eg. 5.0mm = 050 2.00 a b 4.00 1.50 4.00 2.00 1.50 3.00 b a 4.40 4.00 2.00 1.50 2.40 b a s series how to o rder t er m ina t i o n s ty les 2 mm (.080") pi tch


▲Up To Search▲   

 
Price & Availability of M22-078050K3205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X